PART |
Description |
Maker |
DC60S3 DC60S5 DC60S7 DC60SA3 DC60SA5 DC60SA7 |
3-7Amp 60 Vdc DC Output
|
List of Unclassifed Manufacturers ETC
|
DC60 |
3-7Amp 60 Vdc DC Output
|
Crydom
|
BGO847_SC0 BGO847_FC0 BGO847 BGO847/FC0 BGO847/SC0 |
Optical receiver modules 光接收模 AC/DC Power Supply; Output Power:40W; No. of Outputs:3; Output 1 VDC :5.1VDC; Output Current 1:5A; Output 2 VDC -:12VDC; Output 3 VDC:12VDC; Power Supply Mounting:Chassis; Leaded Process Compatible:Yes; Output Current 2:0.5A RoHS Compliant: Yes Optical receiver module(光接收器模块)
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
FDC20-12T3312 FDC20-12T3315 FDC20-24T3312 FDC20-48 |
Input range:9-18 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:1926 mA; 20 W DC-DC converter Input range:9-18 VDC;output voltage:3.3/ /-15 VDC; output current:3000 / /-250 mA;input current:1959 mA; 20 W DC-DC converter Input range:18-36 VDC;output voltage:3.3/ /-12 VDC; output current:3000 / /-300 mA;input current:950 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-12 VDC; output current:2000 / /-300 mA;input current:459 mA; 20 W DC-DC converter Input range:36-75 VDC;output voltage:5/ /-15 VDC; output current:2000 / /-250 mA;input current:467 mA; 20 W DC-DC converter
|
Power Mate Technology
|
FDC60-12D05 FDC60-24S05 FDC60-48D15 FDC60 FDC60-12 |
Input range:9-18 VDC;output voltage:3.3/5 VDC; output current:6/6 A;input current:5770 mA; 60 W DC-DC converter 60 WATTS OUTPUT POWER KIT, MACHXO 2280C, EVAL BOARD
|
Power Mate Technology List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc.
|
MPQ24S5-50 MPQ24S5-50B MPQ24S5-50C MPQ24S5-50R |
50 W DC-DC Converter 10-36 Vdc Input 5 Vdc Output at 10 A Quarter-Brick Package
|
Wall Industries,Inc.
|
MPQ24S48-50C MPQ24S48-50R |
50 W DC-DC Converter 10-36 Vdc Input 48 Vdc Output at 1 A Quarter-Brick Package
|
Wall Industries,Inc.
|
LW020A |
LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
|
General Semiconductor
|
JW100B JW150B |
dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
|
Lineage Power Corporation
|
AXH010A0D AXH010A0DZ AXH010A0F AXH010A0FZ AXH010A0 |
3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
|
Lineage Power Corporation
|
LANC2415DW8 |
DC/DC Converter 18-36 VDC Input ±15 VDC Output at ±0.267A
|
Wall Industries,Inc.
|